Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD5057 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MBD5057
Description  Zero Bias Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MBD5057 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MBD5057 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MBD5057 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Planar Back (Tunnel) Diodes
Rev. V2
MBDxx57-x Series
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Base
Part Number1
Package
Style
Total
Capacitance
(CT)
Peak
Current
(IP)
Sensitivity
(γ)
Video
Resistance
(RV)
Reverse
Voltage
(VR)
Forward
Voltage
(VF)
VR = VV,
100 MHz
PIN = -20 dBm,
RL = 10 kΩ, 10 GHz
IR = 500 µA
IF = 3 mA
(pF)
(µA)
(mV / mW)
(Ω)
(mV)
(mV)
Max.
Min.
Max.
Typ.
Typ.
Min.
Max.
MBD1057
E28 / 28X
0.40
100
200
1000
180
420
135
H20
0.50
T54
0.55
T80
0.65
MBD2057
E28 / 28X
0.40
200
300
750
130
410
130
H20
0.50
T54
0.55
T80
0.65
MBD3057
E28 / 28X
0.45
300
400
500
80
400
125
H20
0.55
T54
0.60
T80
0.70
MBD4057
E28 / 28X
0.50
400
500
275
65
400
120
H20
0.60
T54
0.65
T80
0.75
MBD5057
E28 / 28X
0.55
500
600
250
60
400
110
H20
0.65
T54
0.70
T80
0.80
Package Electrical Specifications: TA = +25°C, Peak / Valley Current = 2.5 A
1. To order enter base part number-package style.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Input Power
14 dBm CW or Pulsed in a tuned detector
Operating Temperature
-65°C to +110°C
Storage Temperature
-65°C to +125°C
Soldering Temperature:
Die
Packaged
See chip assembly instructions
+230°C for 5 seconds (must be hand soldered)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com