Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT1007 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NPT1007
Description  Gallium Nitride 28V, 200W RF Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPT1007 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  NPT1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPT1007 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NPT1007
NDS-012 Rev. 3, April 2013
NPT1007
Page 7
Nitronex, LLC
2305 Presidential Drive
Durham, NC 27703 USA
+1.919.807.9100 (telephone)
+1.919.807.9200 (fax)
info@nitronex.com
www.nitronex.com
Additional Information
This part is lead-free and is compliant with the RoHS directive
(Restrictions on the Use of Certain Hazardous Substances in Electrical and Electronic Equipment).
Important Notice
Nitronex, LLC reserves the right to make corrections, modifications, enhancements, improvements and other changes to
its products and services at any time and to discontinue any product or service without notice. Customers should obtain
the latest relevant information before placing orders and should verify that such information is current and complete. All
products are sold subject to Nitronex terms and conditions of sale supplied at the time of order acknowledgment. The latest
information from Nitronex can be found either by calling Nitronex at 1-919-807-9100 or visiting our website at
www.nitronex.com.
Nitronex warrants performance of its packaged semiconductor or die to the specifications applicable at the time of sale in
accordance with Nitronex standard warranty. Testing and other quality control techniques are used to the extent Nitronex
deems necessary to support the warranty. Except where mandated by government requirements, testing of all parameters
of each product is not necessarily performed.
Nitronex assumes no liability for applications assistance or customer product design. Customers are responsible for their
product and applications using Nitronex semiconductor products or services. To minimize the risks associated with
customer products and applications, customers should provide adequate design and operating safeguards.
Nitronex does not warrant or represent that any license, either express or implied, is granted under any Nitronex patent right,
copyright, mask work right, or other Nitronex intellectual property right relating to any combination, machine or process in
which Nitronex products or services are used.
Reproduction of information in Nitronex data sheets is permitted if and only if said reproduction does not alter any of the
information and is accompanied by all associated warranties, conditions, limitations and notices. Any alteration of the
contained information invalidates all warranties and Nitronex is not responsible or liable for any such statements.
Nitronex products are not intended or authorized for use in life support systems, including but not limited to surgical
implants into the body or any other application intended to support or sustain life. Should Buyer purchase or use Nitronex,
LLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold Nitronex, LLC, its
officers, employees, subsidiaries, affiliates, distributors, and its successors harmless against all claims, costs, damages,
and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, notwithstanding if such claim alleges that Nitronex was negligent
regarding the design or manufacture of said products.
Nitronex and the Nitronex logo are registered trademarks of Nitronex, LLC.
All other product or service names are the property of their respective owners.
©Nitronex, LLC 2012. All rights reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com