Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT1010 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NPT1010
Description  Gallium Nitride 28V, 100W RF Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPT1010 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NPT1010 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 7Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 8Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 9Page - List of Unclassifed Manufacturers NPT1010 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NPT1010
NDS-023 Rev. 3, April 2013
NPT1010
Page 7
Figure 18 - Schematic of 500-1000MHz application board for NPT1010

















































































































Figure 19 - Layout of 500-1000MHz application board for NPT1010



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com