Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSP3
Description  ATM Forum TM4.1 traffic shaping
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSP3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSP3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSP3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
MXAPM3A5-BRF-001-A M03-0778
© 2003 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the property
of their respective owners. Although Mindspeed Technologies strives for accuracy in all
its publications, this material may contain errors or omissions and is subject to change
without notice. This material is provided as is and without any express or implied
warranties, including merchantability, fitness for a particular purpose and
non-infringement. Mindspeed Technologies shall not be liable for any special, indirect,
incidental or consequential damages as a result of its use.
Functions
• ITU I.363.5 AAL5 SAR
• Up to OC-48c throughput
• A maximum of 256K connections
• Supports up to 64 PHYs at 64 different rates
• Traffic shaping – dual GCRA per connection
• Supports the following traffic shaping
conformance definitions:
- CBR.1, VBR.1 (rt, nrt), UBR.1, UBR.2, UBR+
• VP tunnels with WRR access
• VC tunnels with CBWFQ access
• Congestion control
- WRED, per VC flow control, per VC EPD
• ATM-to-MPLS interworking based
on ietf-pwe3-atm-encap
• Reassembly time-out
• Encapsulation / de-encapsulation
• Support for raw cells (AAL0)
• Integrated OAM cell processing
• Ingress policing
• Auto-VC discovery
• Host control via PCI bus
• Per-connection and per-port statistics
See the TSP3 traffic stream processor
data sheet for a description of the hardware
interfaces, memory requirements, and device
characteristics.
Product Features
The WRED algorithm discards packets in a manner that optimizes the
overall network performance of TCP/IP connections. Up to 128 sets of
WRED parameters are supported, selected on a per packet basis. The
per-VC flow control option sends indications to the host when a config-
urable high and low threshold are crossed (with hysteresis). Per-VC EPD
is similar to flow control except that packets are dropped when the
high threshold is exceeded, and no indications are sent.
Both the segmenter and reassembler provide per-buffer-class EPD
when a configurable threshold is exceeded, and partial packet discard
(PPD) when the buffer class is exhausted.
VP Tunnels with Weighted Round Robin
A segmenter VP tunnel consists of a group of VCs, each of which
gains access to the tunnel using a weighted round robin scheme.
This allows proportional bandwidth sharing among the VCs. The
tunnel itself is then shaped in the same manner as ordinary VCs.
Up to 32K VP tunnels are supported.
VC Tunnels with Class Based Weighted Fair Queuing
A segmenter VC tunnel provides up to eight class of service (CoS)
queues, allowing packets from each CoS queue to be multiplexed
onto a single channel. The CoS queues are serviced using a class-
based weighted fair queuing (CBWFQ) algorithm with a low latency-
mode. Fairness is measured on a per-cell basis, however, full packets
are transmitted at a time. The tunnel itself is then shaped in the
same manner as ordinary VCs. Up to 32K VC tunnels, each with 8 CoS
queues, are supported.
ATM-to-MPLS Interworking
PortMakerIII supports ietf-pwe3-atm-encap (draft-martini) and can be
run concurrently with AAL5 segmentation-and-reassembly channels,
selectable on a per channel basis.
This cell-bundling function provides the basis of interworking ATM-to-
MPLS in order to provide efficient transport of ATM over an IP/MPLS
network core. For cell bundling, ATM cells are received, header transla-
tion is performed, and a configurable number of cells are bundled into
an MPLS packet. For bundling, MPLS packets are received on egress,
ATM cells are unbundled individually from the packet, and traffic
management criteria are then applied for the channel. Timers are
used to control latency during bundle creation.
Encapsulation / De-encapsulation
The segmenter offers optional 8- or 10-byte encapsulation, supporting
routed IPv4 and bridged Ethernet PDUs as defined in RFC 2684/1483.
The reassembler offers optional stripping of up to 31 bytes. All encap-
sulation and de-encapsulation parameters are determined on a per
channel basis. Other formats can be readily supported.
Applications
The PortMakerIII firmware is intended for use in enterprise, aggregation,
edge and core routers, multi-service edge switches, optical edge
equipment, DSLAMs, and fixed and mobile wireless equipment. A typical
OC-48 application using two M27483 devices running PortMakerIII is
shown below.
Figure 1: Bi-directional OC-48
System
Line
Host
Processor
Input System Port 0
Line Egress Port 0
Line Egress Port 1
Line Egress Port 63
Line Egress Port 63
System Ingress Port 0
System Ingress Port 3
Line Egress Port 0
Line Egress Port 1
URX0
UTX0
UTX0
URX0
PCI
PCI
Input/Output
System Port
M27483
M27483
AAL5 Segmentation
AAL5 Reassembly
Input/Output
System Port
(PHY)
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
System Egress



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com