Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL3713 Datasheet(PDF) 2 Page - International Rectifier

Part # IRL3713
Description  SMPS MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3713 Datasheet(HTML) 2 Page - International Rectifier

  IRL3713 Datasheet HTML 1Page - International Rectifier IRL3713 Datasheet HTML 2Page - International Rectifier IRL3713 Datasheet HTML 3Page - International Rectifier IRL3713 Datasheet HTML 4Page - International Rectifier IRL3713 Datasheet HTML 5Page - International Rectifier IRL3713 Datasheet HTML 6Page - International Rectifier IRL3713 Datasheet HTML 7Page - International Rectifier IRL3713 Datasheet HTML 8Page - International Rectifier IRL3713 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRL3713/S/L
2
www.irf.com
Symbol
Parameter
Min
Typ
Max Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.027
–––
V/°C
–––
2.6
3.0
–––
3.3
4.0
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
–––
–––
50
–––
–––
20
–––
–––
100
Gate-to-Source Forward Leakage
–––
–––
200
Gate-to-Source Reverse Leakage
–––
–––
-200
Symbol
Parameter
Min
Typ
Max Units
gfs
Forward Transconductance
76
–––
–––
S
Qg
Total Gate Charge
–––
75
110
Qgs
Gate-to-Source Charge
–––
24
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
37
–––
QOSS
Output Gate Charge
61
92
RG
Gate Resistance
0.5
–––
3.4
Ω
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
160
–––
td(off)
Turn-Off Delay Time
–––
40
–––
tf
Fall Time
–––
57
–––
Ciss
Input Capacitance
–––
5890
–––
Coss
Output Capacitance
–––
3130
–––
Crss
Reverse Transfer Capacitance
–––
630
–––
Symbol
Parameter
Units
EAS
mJ
IAR
A
Symbol
Parameter
Min
Typ
Max Units
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode)
Ùh
–––
0.80
1.3
–––
0.68
–––
trr
Reverse Recovery Time
–––
75
110
ns
Qrr
Reverse Recovery Charge
–––
140
210
nC
trr
Reverse Recovery Time
–––
78
120
ns
Qrr
Reverse Recovery Charge
–––
160
240
nC
TJ = 125°C, IF = 30A, VR = 20V
di/dt = 100A/µs
e
TJ = 125°C, IS = 30A, VGS = 0V e
TJ = 25°C, IF = 30A, VR = 0V
di/dt = 100A/µs
e
Conditions
integral reverse
p-n junction diode.
TJ = 25°C, IS = 30A, VGS = 0V e
MOSFET symbol
showing the
–––
Conditions
VDS = 15V, ID = 30A
ID = 30A
VDS = 15V
VGS = 4.5V e
VGS = 0V
VDS = 15V
1530
46
VDS = 30V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
VGS = 20V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 38A e
VGS = -20V
VGS = 4.5V, ID = 30A e
Max
VGS = 4.5V f
VDD = 15V
ID = 30A
RG = 1.8Ω
VDS = 24V, VGS = 0V
ƒ = 1.0MHz
VDS = VGS, ID = 250µA
Static @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
Diode Characteristics
Avalanche Characteristics
Dynamic @ TJ = 25°C (unless otherwise specified)
m
Ω
IDSS
Drain-to-Source Leakage Current
µA
Avalanche Current
Ù
Typ
–––
nA
ns
pF
Single Pulse Avalanche Energy
d
IS
–––
–––
260
h
VGS = 0V, VDS = 15V
VSD
Diode Forward Voltage
V
A
ISM
–––
––– 1040
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com