Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM1U Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLDIM1U
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1U Datasheet(HTML) 2 Page - International Rectifier

  IRPLDIM1U Datasheet HTML 1Page - International Rectifier IRPLDIM1U Datasheet HTML 2Page - International Rectifier IRPLDIM1U Datasheet HTML 3Page - International Rectifier IRPLDIM1U Datasheet HTML 4Page - International Rectifier IRPLDIM1U Datasheet HTML 5Page - International Rectifier IRPLDIM1U Datasheet HTML 6Page - International Rectifier IRPLDIM1U Datasheet HTML 7Page - International Rectifier IRPLDIM1U Datasheet HTML 8Page - International Rectifier IRPLDIM1U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
Electrical Characteristics
Note: Measurements performed with input AC line voltage = 120Vrms
Fault
Ballast
Restart Operation
Line voltage low
Deactivates
Increase line voltage
Upper filament broken
Deactivates
Lamp exchange
Lower filament broken
Deactivates
Lamp exchange
Failure to ignite
Deactivates
Lamp exchange
Open circuit (no lamp)
Deactivates
Lamp exchange
Fault Protection Characteristics
Fault Protection
Overview
The IRPLDIM1U Demo Board consists of an EMI filter, an active power factor correction front end, a
ballast control section and a resonant lamp output stage. The active power factor correction section
is a boost converter operating in critical conduction mode , free-running frequency mode. The ballast
control section provides frequency modulation control of a traditional RCL lamp resonant output
circuit and is easily adaptable to a wide variety of lamp types. The ballast control section also pro-
vides the necessary circuitry to perform closed-loop dimming, lamp fault detection, shutdown and
auto-restart. All functional descriptions refer to the IRPLDIM1U schematic diagram.
Parameter
Units
Lamp Type
Input Power (100%)
[W]
Input Current (100%)
[Arms]
Filament Preheat Current
[Arms]
Preheat Mode Lamp Voltage
[Vrms]
Preheat Time
[s]
Input AC Voltage Range
[VACrms]
Input DC Voltage Range
[VDC]
Power Factor
Total Harmonic Distortion
[%]
Maximum Output Voltage
[Vpk]
Value (IRPLDIM1U)
32W T8
32
0.27
0.6
220
1.0
90..140/50..60Hz
100..180
0.99
<10
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com