Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH4KG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH4KG-AL6-R
Description  DUAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH4KG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH4KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UH4KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UH4KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH4K
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R218-029.A
GENERAL PURPOSE
(DUAL DIGITAL TRANSISTORS)
FEATURES
* Two DTC114T chips in a SOT-363 package.
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
Packing
UH4KG-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
Note: Pin Assignment: B: Base C: Collector E: Emitter
UH4KG-AL6-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AL6: SOT-363
(3) G: Halogen Free and Lead Free
MARKING


Similar Part No. - UH4KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
UH4213C SCHNEIDER-UH4213C Datasheet
110Kb / 2P
METER SOCKET 200A 1PH HCP
Mar 26, 2020
logo
Unisonic Technologies
UH447G-G04-K UTC-UH447G-G04-K Datasheet
201Kb / 5P
CMOS IC
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
UH457G-G04-K UTC-UH457G-G04-K Datasheet
174Kb / 6P
SMART MOTOR DRIVER
UH477 UTC-UH477 Datasheet
155Kb / 6P
SINGLE PHASE DC MOTOR DRIVE IC
More results

Similar Description - UH4KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5169 ETC-2SC5169 Datasheet
113Kb / 5P
DUAL TRANSISTOR
2SA979 ETC-2SA979 Datasheet
55Kb / 1P
DUAL TRANSISTOR
logo
Unisonic Technologies
UMY1N UTC-UMY1N Datasheet
84Kb / 3P
DUAL TRANSISTOR
UMY1N UTC-UMY1N_15 Datasheet
84Kb / 3P
DUAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
MMDT5451 JIANGSU-MMDT5451 Datasheet
272Kb / 4P
DUAL TRANSISTOR
MMDT5551 JIANGSU-MMDT5551 Datasheet
283Kb / 4P
DUAL TRANSISTOR
MMDT9014 JIANGSU-MMDT9014 Datasheet
1Mb / 4P
DUAL TRANSISTOR
NST3946 JIANGSU-NST3946 Datasheet
667Kb / 5P
DUAL TRANSISTOR
UMA3N JIANGSU-UMA3N Datasheet
1Mb / 4P
DUAL TRANSISTOR
logo
Yea Shin Technology Co....
MMBT3906DW YEASHIN-MMBT3906DW Datasheet
800Kb / 3P
DUAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com