Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH255G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH255G-AG6-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH255G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH255G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UH255G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UH255G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UH255G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UH255G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UH255G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UH255
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R118-027.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage(VDD,FG)
VDD
6.5
V
Supply Current
IDD
3
mA
Continous Current
ICONT
500
mA
Hold Current
IHOLD
800
mA
PG,RD sink current
ISINK
25
mA
Magnetic Flux Density
B
Unlimited
Gauss
Allowable power dissipation
PD
520
mW
Junction Temperature
TJ
170
°C
Operating Temperature
TOPR
-20 ~ +105
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Voltage
VDD
1.8
5.5
V
Operating Temperature
TA
-10
90
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
278
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Average Supply Current(No load)
IDD
1.8
mA
Output Saturation Voltage (FG)
VSAT
IOUT= 10mA
0.5
V
Output leakage current (FG)
ILEAK
VOUT=5V
1
uA
On resistance (Rpmos+Rnmos)
RON
0.8
Ω
Thermal Shutdown Threshold
TSD
165
°C
MAGNETIC CHARACTERISTICS
PARAMETR
SYMBOL
MIN
TYP
MAX
UNIT
Operate Point
BOP
25
G
Release Point
BRP
-25
G
Hysteresis
BHYS
50
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com