Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULD0691G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULD0691G-SH2-R
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD0691G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULD0691G-SH2-R Datasheet HTML 1Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 2Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 3Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 4Page - Unisonic Technologies ULD0691G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ULD0691
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-036.E
FUNCTIONAL DESCRIPTION
UTC ULD0691 is constant current drive which integrates the functional module such as LED constant current
control and OUT port high voltage drive. OUT1 port minimum input voltage is 6V
(I
OUT=20mA
)and it can reach
output current 10mA~60mA by external REXT resistor. Built-in LED constant current drive maintains LED current a
high precision without impact of ambient temperature. The chip can achieve high efficiency and high power factor by
opening four switches one by one.
The chip output current is adjustable by REXT resistor IOUT=VREXT/R. Output current generated by four switches
opening one by one is shown below:
IOUT1=0.56V/R
IOUT2=0.73V/R
IOUT3=0.87V/R
IOUT4=0.94V/R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com