Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTLP250HTLD Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KTLP250HTLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250HTLD Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KTLP250HTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP250HTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51007.2
- 3 -
http://www.cosmo-ic.com
cosmo
KTLP250 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta = 25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
20
mA
Forward current derating
≧
℃
(Ta
70
)
ΔIF / ΔTa
-0.36
mA /℃
Peak transient forward current (*Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
℃
Output
“H” peak output c
≦
≦
urrent(Pw
2.5µs,f
15kHz)
(*Note 2)
IOPH
-1.5
A
“L” peak output c
≦
≦
urrent(Pw
2.5µs,f
15kHz)
(*Note 2)
IOPL
+1.5
A
Output voltage
≦
℃
(Ta
70
)
VO
35
V
(Ta=85
)
℃
24
Supply voltage
≦
℃
(Ta
70
)
VCC
35
V
(Ta=85
)
℃
24
Output voltage d
≧
℃
erating (Ta
70
)
ΔVO / ΔTa
-0.73
V / ℃
Supply voltage d
≧
℃
erating (Ta
70
)
ΔVCC /ΔTa
-0.73
V / ℃
Junction temperature
Tj
125
℃
Operating frequency
(*Note 3)
f
25
KhZ
Operating temperature range
Topr
-40~115
℃
Storage temperature range
Tstg
-55~125
℃
Lead soldering temperature(10s)
(*Note 4)
Tsol
260
℃
Isolation v
≦
oltage (AC,1min.,R.H
60%)
(*Note 5)
BVs
5000
Vrms
*Note1:Pulse width Pw ≦ 1μs,300pps.
*Note2: Exponential waveform.
*Note3:Exponential waveform, IOPH ≦ -1.0A (≦2.5μs),IOPL ≦ +1.0A (≦2.5μs).
*Note4:It is 2 mm or more from a lead root.
*Note5: Device is considered as a two terminal device: Pin1,2,3 and 4 shorted together, and pins 5,6,7 and 8
shorted together.
Electrical Characteristics
(Ta = 25℃)
Parameter
Symbol
Test Circuit
Test Condition
Min.
Typ.
Max.
Unit
Input forward voltage
VF
—
IF=10mA,Ta=25℃
—
1.6
1.8
V
Temperature coefficient of
forward voltage
△VF △
/
Ta
—
IF=10mA
—
-2.0
—
mV/℃
Input reverse current
IR
—
VR=5V,Ta=25℃
—
—
10
μA
Input capacitance
CT
—
V=0,f=1MHz,Ta=25℃
—
45
250
pF
Output current
“H” level
IOPH
3
VCC=30V
(*A)
IF=10mA
Vb=4V
-0.5
-1.5
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com