Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83B3003 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 83B3003
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

83B3003 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 83B3003 Datasheet HTML 4Page - TE Connectivity Ltd 83B3003 Datasheet HTML 5Page - TE Connectivity Ltd 83B3003 Datasheet HTML 6Page - TE Connectivity Ltd 83B3003 Datasheet HTML 7Page - TE Connectivity Ltd 83B3003 Datasheet HTML 8Page - TE Connectivity Ltd 83B3003 Datasheet HTML 9Page - TE Connectivity Ltd 83B3003 Datasheet HTML 10Page - TE Connectivity Ltd 83B3003 Datasheet HTML 11Page - TE Connectivity Ltd 83B3003 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
408-6788
12 of 12
Rev L
Figure 19
305 [12]
24 [.94]
69.8 [2.75]
(Closed)
Weight: 0.9 kg [2 lb]
HAND CRIMPING TOOL REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER TOOL
1
300388
PIN. Retaining
2
2
21045-3
RING, Retaining
8
3
300389
PIN. Retaining
1
4
21045-6
RING, Retaining
6
5
305340
PIN. Retaining
2
6
305340
PIN. Retaining
2
7
2-304668-9
SPRING
1
8
21028-5
PIN, Slotted Spring
2
9
312065-1
SCREW, Special
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com