Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD15AR Datasheet(PDF) 1 Page - CUI INC

Part # SCD15AR
Description  Characteristics of SCD10PUR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SCD15AR Datasheet(HTML) 1 Page - CUI INC

  SCD15AR Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCDXXPUR
current sensor
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM
SCALE:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
JRH
REV:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
DATE
DESCRIPTION
REV.
05/15/2009
NEW DRAWING
A
20
0.5
15
4-Ø0.8
ØB
4
5
10
2.5
7.62
1
6
5
4
3
2
SPECIFICATIONS
(Vcc = 5V, RL = 10kΩ, Ta = 25°C)
R
U
P
0
2
D
C
S
R
U
P
5
1
D
C
S
R
U
P
0
1
D
C
S
R
U
P
5
0
D
C
S
R
U
P
3
0
D
C
S
l
e
d
o
M
A
5
±
A
3
±
t
n
e
r
r
u
C
d
e
t
a
R
±10A
±15A
±20A
A
6
±
A
4
±
e
g
n
a
R
y
ti
r
a
e
n
i
L
±11A
±16A
±21A
fI
-
@
V
m
0
3
±
V
5
.
0
;f
I
+
@
V
m
0
3
±
V
5
.
4
e
g
a
tl
o
V
t
u
p
t
u
O
)
n
o
it
a
z
it
e
n
g
a
m
e
d
r
e
tf
a
(
.
x
a
m
V
m
0
2
±
V
5
.
2
e
g
a
tl
o
V
t
e
s
ff
O
t
n
e
rr
u
C
o
r
e
Z
Output Voltage Linearity
≤
0.5% @ rated current
%
5
±
V
5
e
g
a
tl
o
V
y
l
p
p
u
S
.
x
a
m
A
m
5
2
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
x
a
M
p
y
t
S
µ
3
e
s
n
o
p
s
e
R
. @ 50 Amp/Turns/µS
t
n
e
rr
u
c
d
e
t
a
r
@
.
x
a
m
C
°
/
%
1
.
0
±
r
a
h
C
p
m
e
T
V
t
u
p
t
u
O
.
x
a
m
C
°
/
V
m
5
.
1
±
r
a
h
C
p
m
e
T
V
t
e
s
ff
O
t
n
e
rr
u
C
o
r
e
Z
V
m
8
s
i
s
e
r
e
t
s
y
H
max. @ rated current to 0A
e
g
a
m
a
d
o
n
,
S
m
0
5
,t
n
e
rr
u
c
d
e
t
a
r
X
0
1
t
n
e
rr
u
c
r
e
v
O
y
r
a
m
ir
P
Withstand Voltage
2000 VAC, 50/60Hz, 1 minute between primary coil & terminal*
M
0
0
5
,
C
D
V
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
Ω
between primary coil & terminal
C
°
5
7
+
o
t
°
0
1
-
p
m
e
T
g
n
it
a
r
e
p
O
C
°
0
9
+
o
t
0
3
-
p
m
e
T
e
g
a
r
o
t
S
Output Voltage vs Temperature
Output Voltage vs Input Current
Pin# 1
+5V
2
NC
3
Output
4
0V
5
Input (+)
6
Input (-)
Model
ØA
ØB
SCD03PUR 0.6
1.1
SCD05PUR 0.9
1.4
SCD10PUR 1.1
1.6
SCD15PUR 1.4
1.9
SCD20PUR 1.7
2.2
Mounting Hole Dimensions
Pin Assignments
Ordering Information
SCD
PUR
Current Rating:
03: 3A
05: 5A
10: 10A
15: 15A
20: 20A
Input Current Polarity:
N: +(DC only)
R: ± (bipolar)
Input Voltage:
A: ±15VDC
B: ±12VDC
S: +12VDC
T: ±5VDC
U: +5VDC
Offset Voltage vs Temperature
0.5
-15
-10
-5
0
5
INPUT CURRENT (A)
10
15
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
Max
Min
Avg
4.40
-15
AMBIENT TEMPERATURE Ta (˚C)
4.45
4.50
4.55
4.60
4.65
4.70
4.35
0
20
40
60
80
100
2.40
-15
0 10 20 30
AMBIENT TEMPERATURE Ta (˚C)
40 50
2.45
2.50
2.55
2.60
2.35
Max
Avg
Min
60 70 80 90
Characteristics of SCD10PUR


Similar Part No. - SCD15AR

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD15 ZOWIE-SCD15 Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
First Components Intern...
SCD15 FCI-SCD15 Datasheet
65Kb / 2P
1.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW PROFILE PACKAGE
logo
Faraday Technology
SCD150E16 FARADAY-SCD150E16 Datasheet
97Kb / 2P
TCD WIDEBAND DELAY LINE MODULES
logo
Cornell Dubilier Electr...
SCD155K102A3Z25-F CDE-SCD155K102A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCD155K102A3Z25-F CDE-SCD155K102A3Z25-F Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
More results

Similar Description - SCD15AR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
Electrical Characteristics of IGBT
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
characteristics of SAW Filter
SEPT 04
logo
Dynex Semiconductor
AN5950 DYNEX-AN5950 Datasheet
1Mb / 23P
TABLES OF CHARACTERISTICS
logo
Murata Manufacturing Co...
GRM0332C1E3R6CA01 MURATA-GRM0332C1E3R6CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R6WA01 MURATA-GRM0332C1E3R6WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R7CA01 MURATA-GRM0332C1E3R7CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
logo
CUI INC
SCDXXPUN CUI-SCDXXPUN Datasheet
40Kb / 1P
Characteristics of SCD15PUN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com