Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4865M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4865M
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4865M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4865M Datasheet HTML 1Page - National Semiconductor (TI) LM4865M Datasheet HTML 2Page - National Semiconductor (TI) LM4865M Datasheet HTML 3Page - National Semiconductor (TI) LM4865M Datasheet HTML 4Page - National Semiconductor (TI) LM4865M Datasheet HTML 5Page - National Semiconductor (TI) LM4865M Datasheet HTML 6Page - National Semiconductor (TI) LM4865M Datasheet HTML 7Page - National Semiconductor (TI) LM4865M Datasheet HTML 8Page - National Semiconductor (TI) LM4865M Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Soldering Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
150˚C/W
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
See AN-450 “Surface Mounting and their Effects on Product
Reliability” for other methods of soldering surface mount
devices.
Electrical Characteristics (Notes 1, 2)
he following specifications apply for V
DD = 5V, unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4865
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply
Current
V
IN = 0V, IO = 0A, HP Sense = 0V
4
7
mA (max)
V
IN = 0V, IO - 0A, HP Sense = 5V
3.5
6
mA (max)
I
SD
Shutdown Current
V
PIN4 ≤ 0.3V
0.7
µA
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 1% (max), HP Sense < 0.8V,f=1 kHz,
R
L =8Ω
750
500
mW
(max)
THD=10% (max), HP Sense < 0.8V,
f = 1 kHz, R
L =8Ω
1.0
W
THD+N=1%, HP Sense > 4V,f=1 kHz,
R
L =32Ω
80
mW
THD=10%, HP Sense > 4V,f=1 kHz,
R
L =32Ω
110
mW
THD+N
Total Harmonic Distortion +
Noise
P
O = 300 mWrms,f=20Hz– 20 kHz, RL =8Ω
0.6
%
PSSR
Power Supply Rejection Ratio
V
RIPPLE = 200 mVrms, RL =8Ω,CB = 1.0 µF,
f=1kHz
50
dB
C
RANGE
Attenuator Range-Single Ended
Gain with V
PIN4 ≥ 4.0V, (80% of VDD)
20
18.8
dB (min)
Attenuation with V
PIN4 ≤ 0.9V, (20% of VDD)
−72
−70
dB (min)
V
IH
HP Sense High Input Voltage
4
V (max)
V
IL
HP Sense Low Input Voltage
0.8
V (min)
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2:
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
“Electrical Characteristics” state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX = (TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4865M, TJMAX =
150˚C.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com