Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2351G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2351G-S08-R
Description  Load compensation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2351G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2351G-S08-R Datasheet HTML 1Page - Unisonic Technologies US2351G-S08-R Datasheet HTML 2Page - Unisonic Technologies US2351G-S08-R Datasheet HTML 3Page - Unisonic Technologies US2351G-S08-R Datasheet HTML 4Page - Unisonic Technologies US2351G-S08-R Datasheet HTML 5Page - Unisonic Technologies US2351G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US2351
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R129-011.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Voltage (Off State)
-0.3~BVdss
V
VDD Voltage
-0.3~40
V
VDD Zener Clamp Continuous Current
10
mA
COMP Voltage
-0.3~7
V
CS Input Voltage
-0.3~7
V
Operating Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Lead Temperature (Soldering, 10secs)
TL
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=12V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Voltage (VDD) Section
Standby Current
IDD ST
VDD=13V
5
20
μA
Operation Current
IDD OP
Operation Supply Current CS=0V,
VDD=12V
1.5
2.5
mA
VDD Under Voltage Lockout
Enter
UVLO(ON)
VDD Falling
7
7.8
8.6
V
VDD Under Voltage Lockout
Exit
UVLO (OFF)
VDD Rising
12.5
13.5
14.5
V
Over Voltage Protection
Threshold
OVP
Ramp VDD Until Gate Shut Down
26
27.5
29
V
In Normal Regulation, VDD will
be Regulated to 12V
VDD
Ramp VDD Until Comp Voltage Lower
than 2.5V
11
12
13
V
Current Sense Input Section
LEB Time
TLEB
200
ns
Over Current Threshold
VTH_OC
910
940
970
mV
OCP Propagation Delay
TD_OC
110
ns
Input Impedance
ZSENSE_IN
50
KΩ
Frequency Section
IC Maximum Frequency
Freq_Max
54
60
66
KHz
Frequency Shuffling Range
f/Freq
+/-6
%
Error Amplifier Section
DC Gain of EA
Gain
60
dB
Max. Cable Compensation
Current
I_COMP_MAX VDD=12V, Comp=0V
4
μA
Power MOSFET Section
MOSFET Drain-Source
Breakdown Voltage
BVDSS
600
V
On Resistance
RDS(ON)
15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com