Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US223ALGAF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US223ALGAF5-R
Description  Output Can Be Forced Higher Than Input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US223ALGAF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US223ALGAF5-R Datasheet HTML 1Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 2Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 3Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 4Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 5Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 6Page - Unisonic Technologies US223ALGAF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US223
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R129-022.a
HIGH-SIDE POWER SWITCHES
WITH FLAG
DESCRIPTION
The UTC US223 are low voltage cost-effective high-side power
switches with flag function. These devices are particularly suitable for
self-powered
and
bus-powered
USB
applications.
The
build-in
N-MOSFET’s RDS(ON) which meets the requirements of USB voltage drop
is as low as 80mΩ.
The UTC US223 contains a charge pump circuitry to drive the internal
MOSFET switch and also incorporate such protection circuits: soft-start
circuit protect these devices from being damaged by limiting inrush
current during plug-in; thermal shutdown circuit is used to prevent
catastrophic switch failure from high-current loads. UVLO is used to
ensure that the device remains off unless there is a valid input voltage
present.
A flag output is designed to indicate fault conditions to the local USB
controller. lower quiescent current as 25μA making this device ideal for
portable battery-operated equipment.
The UTC US223 are applied in USB Bus/Self powered hubs, USB
peripherals, NB, PCs, PC card hot swap, battery-powered equipment,
hot-plug
power
supplies,
battery-charger
circuits,
ACPI
power
distribution.
SOT-25
1
3
5
2
4
FEATURES
* Input Voltage Varies From 3.5V to 5.5V
* Built-in N-MOSFET
* Output Can Be Forced Higher Than Input (Off-State)
* Typical Low Supply Current:
- Switch On: 25μA (TYP)
- Switch Off: 0.1μA (TYP)
* Open-Drain Fault Flag Output To Indicate Fault
Conditions
* Protection Circuits:
- Soft-start( Hot plug-in application)
- UVLO 1.7V (TYP.)
- Current Limiting Protection
- Thermal Shutdown Protection
* Reverse Current Flow Blocking (No Body Diode)
ORDERING INFORMATION
Ordering Number
Package
Packing
US223XXG-AF5-R
SOT-25
Tape Reel
US223XXG-AF5-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AF5: SOT-25
(3) AH/AL: 3.2A, BH/BL: 2.5A, CH/CL: 1.8A, DH/DL: 1.1A
(3)Current Limit
(4)Green Package
(4) G: Halogen Free and Lead Free


Similar Part No. - US223ALGAF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US223 UTC-US223 Datasheet
217Kb / 7P
HIGH-SIDE POWER SWITCHES WITH FLAG
US2236032DB UTC-US2236032DB Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236032DBG-S08-R UTC-US2236032DBG-S08-R Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236032DBL-S08-R UTC-US2236032DBL-S08-R Datasheet
178Kb / 5P
ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results

Similar Description - US223ALGAF5-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2810625 PHOENIX-2810625 Datasheet
104Kb / 5P
Input/output can be configured via DIP switches
logo
Murata Manufacturing Co...
935154521410-XXT MURATA1-935154521410-XXT Datasheet
180Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/13/2022
935154528247-XXT MURATA1-935154528247-XXT Datasheet
181Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/13/2022
935153521410-XXT MURATA1-935153521410-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153634522-XXT MURATA1-935153634522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153837522-XXT MURATA1-935153837522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935154050510-XXT MURATA1-935154050510-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935154521310-XXT MURATA1-935154521310-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935154630510-XXT MURATA1-935154630510-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935154837522-XXT MURATA1-935154837522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com