Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APAMS-103 Datasheet(PDF) 1 Page - Abracon Corporation

Part # APAMS-103
Description  External GSM Antenna - Adhesive Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APAMS-103 Datasheet(HTML) 1 Page - Abracon Corporation

  APAMS-103 Datasheet HTML 1Page - Abracon Corporation APAMS-103 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STANDARD SPECIFICATIONS:
TYPICAL APPLICATIONS:
FEATURES:
78 x 25 x 3.8mm
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visitwww.abracon.com forTerms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
MSL level: Not Applicable
OUTLINE DRAWING:
APAMS-103
Revised: 10.23.14
RoHS/RoHS II compliant
Lead in copper alloy exemption (6c); and Lead in glass exemption (7c-I)
Unit: mm
• Wireless Communications
• GSM
• GPRS
• CDMA
• UMTS
• Vehicle Monitoring
• High Reliability/ Sensitivity
• Compact Size
• Easy to Install (adhesive tape base)
• SGS
• ROHS Compliant
External GSM Antenna - Adhesive Mount
Parameters
Min.
Typ.
Max.
Units
Note
Frequency Range
870
960
MHz
(GSM900)
1710
1880
MHz
(GSM1800)
Bandwidth
90
MHz
(@900MHz)
170
MHz
(@1800MHz)
VSWR at Center Frequency
2.0
Polarization Model
Linear Polarization
Impedance
50
Ω
Gain
2
dBi
Azimuth
Omni-Directional
Operating Temperature
-40
+80
˚C
Storage Temperature
-45
+85
˚C
Bottom View
Top View
Parameters
Description
L1(Cable Length)
2m
Cable Type
RG174
Connector
SMA Male
Housing
Black
Mounting Type
Adhesive Tape


Similar Part No. - APAMS-103

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMS-101 ABRACON-APAMS-101 Datasheet
2Mb / 2P
External GSM Antenna - Adhesive Mount
11.14.14
APAMS-102 ABRACON-APAMS-102 Datasheet
2Mb / 2P
External GSM Antenna - Adhesive Mount
10.23.14
APAMS-104 ABRACON-APAMS-104 Datasheet
1Mb / 2P
GPS Active Antenna Module - Adhesive Mount
10.23.14
More results

Similar Description - APAMS-103

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMPS-105 ABRACON-APAMPS-105 Datasheet
3Mb / 3P
GPSGSM Active Antenna Module- Adhesive Mount
10.23.14
APAMS-101 ABRACON-APAMS-101 Datasheet
2Mb / 2P
External GSM Antenna - Adhesive Mount
11.14.14
APAMS-118 ABRACON-APAMS-118 Datasheet
3Mb / 2P
External GSM Antenna
12.03.14
APAMS-121 ABRACON-APAMS-121 Datasheet
2Mb / 2P
External GSM Antenna
06.02.15
APAMS-119 ABRACON-APAMS-119 Datasheet
2Mb / 2P
External GSM Antenna
12.03.14
APAMS-120 ABRACON-APAMS-120 Datasheet
2Mb / 2P
External GSM Antenna
06.02.15
APAMS-102 ABRACON-APAMS-102 Datasheet
2Mb / 2P
External GSM Antenna - Adhesive Mount
10.23.14
logo
Suzhou Maswell Communic...
AN_GPS_GSM_008A MASWELL-AN_GPS_GSM_008A Datasheet
534Kb / 4P
GPSGSM Combination Antenna magnet mount and adhesive mount
AN_GPS_GSM_008B MASWELL-AN_GPS_GSM_008B Datasheet
534Kb / 4P
GPSGSM Combination Antenna magnet mount and adhesive mount
AN_GPS_GSM_008_ADHESIVE MASWELL-AN_GPS_GSM_008_ADHESIVE Datasheet
534Kb / 4P
GPSGSM Combination Antenna adhesive mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com