Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS35F-75-R2-SS-12GC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HS35F-75-R2-SS-12GC
Description  HS35 Absolute Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS35F-75-R2-SS-12GC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HS35F-75-R2-SS-12GC Datasheet HTML 1Page - List of Unclassifed Manufacturers HS35F-75-R2-SS-12GC Datasheet HTML 2Page - List of Unclassifed Manufacturers HS35F-75-R2-SS-12GC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807
www.beisensors.com
HS35 Absolute Encoder
1.The rubber shaft seal is recommended in virtually all installations. The most common exceptions are applications
requiring a very low starting torque or those requiring operation at both high temperature and high speed. For these
exceptions, a felt shaft seal is recommended. Felt seals require very low starting torque and can virtually eliminate fric-
tional heat. Encoders ordered with felt shaft seals will have an enclosure rating of IP50 and will have less than 1/10th the
Starting Torque specified under Mechanical Configurations.
2. Output IC’s: Output IC’s are available as either Line Driver (LD) or NPN Open Collector (OC) types. Open
Collectors require pull-up resistors, resulting in higher output source impedance (sink impedance is similar to that of line
drivers). In general, use of a Line Driver style output is recommended. Line Drivers source or sink current and their lower
impedance mean better noise immunity and faster switching times. Warning: Do not connect any line driver outputs
directly to circuit common/OV, which may damage the driver. Unused outputs should be isolated and left floating. Our
applications specialists would be pleased to discuss your system requirements and the compatibility of your receiving
electronics with Line Driver type outputs.
28V/V: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28 VDC +/- 5% standard (Note: Vout
= Vin). This driver is TTL compatible when used with 5 volt supply. Supply lines are protected against overvoltage to 60
volts and reverse voltage. Outputs are short circuit protected for one minute. Supply current is 120 mA typical (plus load
current). This is the recommended replacement for 3904R and 7406R open collector outputs with internal pullup resistors.
It is also a direct replacement for any 4469, 88C30, 8830 or 26LS31 line driver
13-28VdC: For Analog
28V/5: Multi-voltage Line Driver (7272*): 100 mA source/sink. Input voltage 5 to 28 VDC +/- 5% standard, internally regulated
with 5V (TTL compatible) logic out. Supply lines are protected against overvoltage to 60 volts and reverse voltage. Outputs are
short circuit protected for one minute. Supply current is 90 mA typical (plus load current). Note: Limit encoder load to 2.5W
max at ambient. Example at 12 VDC: 2.5W/(+12VDC minus +5VDC) = 357 mA total allowed current. Consult factory for your
specific requirements.
28V/OC: NPN Open Collector (3904*, 7273*). Current sink of 80 mA max. Current sourced by external pull- up resis-
tor. Output can be pulled up to voltage other than supply voltage (30 V max). Input voltage 5 to 28 VDC +/- 5% standard.
Supply current is 120 mA typical. This replaces prior IC’s with designations of 3904, 7406, 3302, 681 and 689.
3. Special –S at the end of the model number is used to define a variety of non-standard features such as special shaft
lengths, voltage options, or special testing. Please consult the factory to discuss your special requirements.
* Products manufactured prior to April 2007 used the line driver IC number instead of voltage output in model number.
Notes
MS Connector Termination
R1 Tether Block and Pin
R2 Tether Arm
dimensions
MS Connector Termination



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com