Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC75-1012L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC75-1012L
Description  3 x 2 x 1 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC75-1012L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC75-1012L Datasheet HTML 1Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 2Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 3Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 4Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 5Page - Bel Fuse Inc. ABC75-1012L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ABC75 Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00664_001
PARAMETER
DESCRIPTION / CONDITION
Weight
150 g
Dimensions
76.2 x 50.8 x 25.4 mm (3 x 2 x 1 inch)
Figure 2 - Mechanical Drawing - Screw Terminal (Option 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com