Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG183 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG183
Description  High-Speed Drivers with Dual DPST JFET Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG183 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG183 Datasheet HTML 1Page - TEMIC Semiconductors DG183 Datasheet HTML 2Page - TEMIC Semiconductors DG183 Datasheet HTML 3Page - TEMIC Semiconductors DG183 Datasheet HTML 4Page - TEMIC Semiconductors DG183 Datasheet HTML 5Page - TEMIC Semiconductors DG183 Datasheet HTML 6Page - TEMIC Semiconductors DG183 Datasheet HTML 7Page - TEMIC Semiconductors DG183 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DG183/184/185
4
Siliconix
S-52895—Rev. D, 16-Jun-97
Specificationsa for DG184
Test Conditions
Unless Otherwise Specified
V+=15 V V = 15 V V = 5 V
A Suffix
–55 to 125
_C
B Suffix
–25 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, VL = 5 V
VR = 0 V, VIN = 0.8 V or 2 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–7.5
15
–7.5
15
V
Drain-Source
On-Resistance
rDS(on)
IS = –10 mA, VD = –7.5 V
Room
Full
22
30
60
50
75
W
Source Off
Lk
C
IS(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.06
1
100
5
100
Leakage Current
IS(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.05
1
100
5
100
Drain Off
Lk
C
ID(off)
VS = "10 V, VD = #10 V
V+ = 10 V, V– = –20 V
Room
Hot
0.4
1
100
5
100
nA
Leakage Current
ID(off)
VS = "7.5 V, VD = #7.5 V
Room
Hot
0.3
1
100
5
100
Channel On
Leakage Current
ID(on)
VD = VS = "7.5 V
Room
Hot
–0.02
–2
–200
–10
–200
Digital Input
Input Current with
Input Voltage High
IINH
VIN = 5 V
Room
Hot
<0.01
10
20
10
20
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
–30
–250
–250
mA
Dynamic Characteristics
Turn-On Time
ton
See Switching Time Test Circuit
Room
85
150
180
ns
Turn-Off Time
toff
See Switching Time Test Circuit
Room
95
130
150
ns
Source-Off Capacitance
CS(off)
VS = –5 V, ID = 0
Room
9
Drain-Off Capacitance
CD(off)
f = 1 MHz
VD = –5 V, IS = 0
Room
6
pF
Channel-On Capacitance
CD(on)
VD = VS = 0 V
Room
14
Off Isolation
OIRR
f = 1 MHz, RL = 75 W
Room
>50
dB
Power Supplies
Positive Supply Current
I+
Room
0.6
3
3
Negative Supply Current
I–
VIN = 0 V, or 5 V
Room
–2.7
–5.5
–5.5
mA
Logic Supply Current
IL
VIN = 0 V, or 5 V
Room
3.1
4.5
4.5
mA
Reference Supply Current
IR
Room
–1
–2
–2
Notes:
a.
Refer to PROCESS OPTION FLOWCHART .
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com