Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF3031 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF3031
Description  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF3031 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF3031 Datasheet HTML 1Page - Advanced Crystal Technology ACTF3031 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Storage Temperature Range
Tstg
-40 to +125
Operable Temperature Range
TA
-40 to +125
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency @ 25
fC
315
MHz
Insertion Loss (314.82 …. 315.22 MHz)
IL
--
2.5
4.5
dB
3dB Bandwidth
BW3
1.0
1.3
MHz
Relative Attenuation (relative to
IL)
rel
10 ….
270 MHz
270 ….
309 MHz
309 ….
314 MHz
316 ….
335 MHz
335 ….
400 MHz
400 …. 1000 MHz
45
30
15
10
35
45
55
35
20
15
42
60
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
Passband Ripple (314.82 …. 315.22 MHz)
IL
--
--
2.0
dB
Frequency Aging
Absolute Value during the First Year
|fA|
10
ppm/yr
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
test system with VSWR 1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com