Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4035 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4035
Description  RF filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4035 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4035 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4035 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4035 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Operating Temperature Range: T
= -40
°C to 85°C
Terminating Impedance:
ZS = 50Ω / ZL = 50Ω
Characteristic
Min.
Typ.
Max.
Unit
Centre Frequency
fC
433.920
MHz
Insertion Loss
IL
433.00 …. 434.71 MHz
--
2.8
4.0
dB
Amplitude Ripple (p-p)
Δα
433.00 …. 434.71 MHz
--
0.3
1.0
dB
Relative Attenuation (relative to IL)
αrel
10.00 …. 350.00 MHz
350.00 …. 393.00 MHz
393.00 …. 408.00 MHz
408.00 …. 415.00 MHz
415.00 …. 425.50 MHz
443.50 …. 454.00 MHz
454.00 …. 475.00 MHz
475.00 …. 650.00 MHz
650.00 …. 1000.0 MHz
60
52
45
52
40
12
34
48
45
65
57
50
57
48
16
39
53
49
--
--
--
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
dB
dB
dB
Temperature Coefficient of Frequency
TCf
--
-30
--
ppm/K
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 2 C1u
Date : SEPT 06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com