Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS76KHZ Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS76KHZ
Description  76.8 kHz TCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS76KHZ Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS76KHZ Datasheet HTML 1Page - Dallas Semiconductor DS76KHZ Datasheet HTML 2Page - Dallas Semiconductor DS76KHZ Datasheet HTML 3Page - Dallas Semiconductor DS76KHZ Datasheet HTML 4Page - Dallas Semiconductor DS76KHZ Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS76KHz
4 of 5
NOTES:
1. All voltages are referenced to ground.
2. Typical values are at +25°C and nominal supplies.
3. This current is the active mode current sourced from the backup supply/battery.
4. These parameters are measured using a 15 pF load.
5. DS76KHz-N is tested over the industrial temperature range to meet the specifications above.
6. These parameters are measured with VCC on under nominal operating conditions.
7. When VCC is grounded VBAT can operate from 2.7V to 5.5V. Freq. stability will be affected in this
operation, typically 1PPM/Volt above or below 3.0V.
8. These parameters are measured under no load conditions. The difference between ICC and IBAT is due
to power switching circuitry.
9. Typical crystal aging is
±1 ppm/yr after reflow.
76KHz OUTPUT WAVEFORM
MECHANICAL DIMENSIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com