Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF5031 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF5031
Description  RF filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5031 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF5031 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5031 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
10
V
Operable Temperature Range
TA
-40 to +85
℃
Storage Temperature Range
Tstg
-40 to +85
℃
5-2. Electronic Characteristics
Characteristic
Min.
Typ.
Max.
Unit
Center Frequency
fC
746
MHz
Insertion Loss
IL
734 …. 758 MHz
--
2.2
3.0
dB
Amplitude Ripple (p-p)
734 …. 758 MHz
--
0.6
1.0
dB
Absolute Attenuation
α
fc±80 MHz ...... fc±149 MHz
fc+149 MHz ...... fc+300 MHz
1 MHz ...... 200 MHz
200 MHz ...... fc-149MHz
40
50
50
55
57
58
60
71
--
--
--
--
dB
dB
dB
dB
Group Delay Ripple (p-p)
Δτ
734 …. 758 MHz
25
50
ns
VSWR
734 …. 758 MHz
1.5
2.0
dB
IIP3
35
dBm
Input / Output Impedance
50
Ω
Temperature coefficient of frequency
-40
ppm/K
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
○
C
E
A
ACT All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com