Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF5038 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF5038
Description  RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5038 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF5038 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 2Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 3Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 4Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
742.5
MHz
Insertion Loss
728.00 …. 757.00 MHz
IL
2.7
3.5
dB
Bandwidth @ -2.5dB
BW
29
33.5
MHz
Absolute Attenuation
α
300.00 …. 650.00 MHz
40
50
dB
698.00 …. 716.00 MHz
33
40
dB
722.00 .... 723.00 MHz
10
12
dB
763.00 .... 768.00 MHz
10
12
dB
776.00 …. 787.00 MHz
25
33
dB
840.00 …. 1050.00 MHz
40
50
dB
Amplitude Ripple (p-p)
(less than 2.0dB in any 11MHz portion of
the specified band)
Δα
0.7
2.5
dB
Input/ Output VSWR
728.00 …. 746.00 MHz
1.5
2.0
Input / Output Impedance (Nominal)
50
Ω
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com