Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8015 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF8015
Description  RF filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8015 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF8015 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8015 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8015 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5-2. Electronic Characteristics ( TA = 25°C )
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling
!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR ≤1.2:1. The test fixture L and C are adjusted for minimum insertion loss
at the filter centre frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on the
impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Characteristic
Minimum
Typical
Maximum
Unit
Centre Frequency
fC
―
866.000
―
MHz
3dB Bandwidth
BW3
―
19
―
MHz
Usable Passband
BW
―
±4.0
―
MHz
Insertion Loss
IL
within fC ± 4.0 MHz
―
3.0
4.5
dB
Amplitude Ripple (p-p)
Δα
within fC ± 4.0 MHz
―
1.2
2.0
dB
Absolute Attenuation
α
fC 400.0 ~ fC
30.0 MHz
fC
50.0 ~ fC 400.0 MHz
42
40
52
48
―
―
dB
dB
Terminating Impedance
50Ω // 10nH
Issue : 2 C1u
Date : SEPT 06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com