Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8035 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF8035
Description  Low-loss RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8035 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF8035 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 2Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 3Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 4Page - Advanced Crystal Technology ACTF8035 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features:
ACTF8035-868.35-DCC6v1.0 SAW Filter
Low-loss RF filter
High Rejection
Single Ended Operation at 50
Ω with matching
Ceramic Package for Surface Mounted
Technology (SMT)
Lead-free Production and RoHS Compliance
Package Dimensions
Ceramic Package: DCC6
Pin Configuration
2
Input
5
Output
1, 3, 4, 6
Case Ground
1, 3, 4, 6
To Be Grounded
Marking
Top View, Laser Printing
"ACT”:
Manufacturer’s mark
“F”:
SAW filter
“8035”:
Part number
” · ”:
Terminal 1
“*”:
Lot number (The code shown below varies in a 4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
i
j
k
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
Maximum Ratings
Rating
Value
Unit
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
DC Voltage (between any Terminals)
VDC
10
V
RF Power (in BW)
P
10
dBm


Similar Part No. - ACTF8035

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF8037 ACT-ACTF8037 Datasheet
189Kb / 2P
SAW filter
ACTF8037-868.95-QCC8C ACT-ACTF8037-868.95-QCC8C Datasheet
189Kb / 2P
SAW filter
ACTF8037 ACT-ACTF8037_11 Datasheet
189Kb / 2P
SAW filter
More results

Similar Description - ACTF8035

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9402 ACT-ACTF9402 Datasheet
372Kb / 6P
Low-loss RF filter
ACTF9389 ACT-ACTF9389 Datasheet
312Kb / 5P
Low-loss RF filter
ACTF9228 ACT-ACTF9228 Datasheet
240Kb / 6P
Low-loss RF filter
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
Low-loss RF filter
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
Low-loss RF filter
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
Low-loss RF filter
ACTF9191 ACT-ACTF9191 Datasheet
503Kb / 5P
Low-loss RF filter
ACTF9188 ACT-ACTF9188 Datasheet
696Kb / 6P
Low-loss RF filter
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
Low-loss RF filter
ACTF8026 ACT-ACTF8026 Datasheet
308Kb / 2P
RF low-loss filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com