Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF8037 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF8037
Description  SAW filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF8037 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF8037 Datasheet HTML 1Page - Advanced Crystal Technology ACTF8037 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Iss 1 C1u
Date 23-6-2011
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
Pin
10
dBm
DC Voltage
VDC
12
V
Storage Temperature Range
Tstg
-40 to +125
°C
Operating Temperature Range
TA
-40 to +125
°C
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Center Frequency
fC
(center frequency between 3dB points)
868.950
MHz
Insertion Loss
IL
--
3.5
5.0
dB
3dB Pass band
BW3
1,200
kHz
at fC-21.4MHz (Image)
30
42
--
at fC-10.7MHz (LO)
20
37
--
Rejection
Ultimate
--
60
--
dB
Turnover Temperature
TO
25
55
°C
Turnover Frequency
fO
fc
MHz
Temperature
Frequency Temperature Coefficient
FTC
0.032
ppm/°C
2
Frequency Aging Absolute Value during the First Year
|fA|
10
ppm/yr
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
NOTE:
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50Ω test system with VSWR≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the
specification for prolonged temperatures above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or turnover) frequency, f0. The nominal frequency at
any case temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com