Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9028 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9028
Description  SAW BANDPASS FILTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9028 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9028 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9028 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9028 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The ACTF9028 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter in a surface-mount
ceramic QCC8C case designed to provide front-end selectivity in 916.500 MHz receivers. Receiver designs using this
filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen.
1. Package Dimension (QCC8C)
2. Marking
3. Test Circuit
Laser Marking
4. Typical Frequency Response
Pin
Connection
1
Input / Output
5
Output / Input
2, 3, 6, 7
To be Grounded
4, 8
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com