Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9038 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9038
Description  RF filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9038 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9038 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9038 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
The ACTF9
038/959.50/DCC6 is a low-loss, compact, and economical surface-acoustic-wave (SAW)
RF filter in a surface-mount ceramic DCC6 case with center frequency 959.500 MHz.
1. Package Dimensions
(DCC6)
Pin
Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.90±0.1
E
1.35±0.15
B
0.64±0.1 (x6)
F
3.80±0.15
C
1.00±0.1 (x5)
G
3.80±0.15
D
1.27±0.1 (x4)
2. Marking
3. Test Circuit
ACTF
9
038
Laser Marking
4. Typical Frequency Response
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
ISO9001: 2000 Registered
-
Registration number 6830/2


Similar Part No. - ACTF9038

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9037 ACT-ACTF9037 Datasheet
79Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF9037 ACT-ACTF9037 Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037-902.50-DCC6C ACT-ACTF9037-902.50-DCC6C Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037/902.50/DCC6C ACT-ACTF9037/902.50/DCC6C Datasheet
79Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF9037 ACT-ACTF9037_10 Datasheet
149Kb / 3P
SAW filter
March 2010
More results

Similar Description - ACTF9038

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
RF Filter
25/ 03/ 2008
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
RF Filter
SEPT 06
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
RF filter
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
RF Filter
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
RF Filter
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
RF filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
RF filter
SEPT 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com