Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF9039 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF9039
Description  RF filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9039 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF9039 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9039 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The ACTF9039 is a low-loss, compact, and economical surface-acoustic-wave (SAW) RF filter in a
surface-mount ceramic DCC6 case with center frequency 959.500 MHz.
1. Package Dimensions
(DCC6)
Pin
Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.90±0.1
E
1.35±0.15
B
0.64±0.1 (x6)
F
3.80±0.15
C
1.00±0.1 (x5)
G
3.80±0.15
D
1.27±0.1 (x4)
2. Marking
3. Test Circuit
Laser Marking
4. Typical Frequency Response


Similar Part No. - ACTF9039

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9037 ACT-ACTF9037 Datasheet
79Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF9037 ACT-ACTF9037 Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037-902.50-DCC6C ACT-ACTF9037-902.50-DCC6C Datasheet
149Kb / 3P
SAW filter
March 2010
ACTF9037/902.50/DCC6C ACT-ACTF9037/902.50/DCC6C Datasheet
79Kb / 3P
low-loss, wide band SAW filter
SEPT 04
ACTF9037 ACT-ACTF9037_10 Datasheet
149Kb / 3P
SAW filter
March 2010
More results

Similar Description - ACTF9039

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
RF Filter
25/ 03/ 2008
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
RF Filter
SEPT 06
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
RF filter
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
RF Filter
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
RF Filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
RF filter
SEPT 06
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
RF filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com