Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1482S/T Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1482S/T
Description  1-Wire Level Shifter and Line Driver with Load Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1482S/T Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1482S/T Datasheet HTML 1Page - Dallas Semiconductor DS1482S/T Datasheet HTML 2Page - Dallas Semiconductor DS1482S/T Datasheet HTML 3Page - Dallas Semiconductor DS1482S/T Datasheet HTML 4Page - Dallas Semiconductor DS1482S/T Datasheet HTML 5Page - Dallas Semiconductor DS1482S/T Datasheet HTML 6Page - Dallas Semiconductor DS1482S/T Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS1482
6 of 7
ABSOLUTE MAXIMUM RATINGS*
Voltage to GND (All Pins)
-0.5V, +6.0V
Combined Source/Sink Current (All Pins)
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (Soldering)
See IPC/JEDEC 020A
ESD requirements are 15kV for the I/O pin and 4kV for all other pins.
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, VCCQ = 3.0V to 3.6V; TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
150
µA
Supply Current
ICCQ
100
µA
Supply Ramp-up
Time (System
Requirement)
tRCC
VCC, VCCQ rising from 0
to VCCMIN and VCCQMIN,
respectively
0.1
µs
1-Wire Pullup
Resistor
RPUP
850
1650
W
INPUT PINS SPU, START, TXD
Input High Voltage
VIH
0.7 x VCCQ
V
Input Low Voltage
VIL
0.2 x VCCQ
V
Input Leakage
ILP
Measured with either 0V
or VCCQ on the pin
(Note 1)
3µA
Delay TXD to I/O
tTI
No DC load on I/O; see
Figure 5 (Note 2)
100
ns
I/O PIN (1-WIRE)
Output Low Voltage
VOL
100
mA load
0.4
V
Output High Voltage
VOH
No DC load
VCC
V
Pin Leakage Current
ILP
(Note 3)
-1
+1
µA
Input High Voltage
VIH
0.7 x VCC
V
Input Low Voltage
VIL
0.2 x VCC
V
Comparator
Reference Voltage
VREF
0.99 x VCC
0.995 x
VCC
0.998 x
VCC
V
Output Fall Time
(50pF Load)
tFIO
0.9 x VCC to 0.1 x VCC
45
150
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com