Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFD003 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTFD003
Description  SAW DUPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD003 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTFD003 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 8Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
- 2 -
Application
Low-loss SAW duplexer for mobile telephone
Cellular/WCDMA band VIII systems
Low amplitude ripple
Low insertion attenuation
Features
Ceramic Package for Surface Mounted Technology (SMT)
RoHS compatible
Package size 2.0x1.6
Approx. weight 0.014g
Electrostatic Sensitive Device(ESD)
Package Dimensions
Ceramic Package: Unit:mm
Pin Configuration
6
Antenna
3
TX Input
1,8
RX Output
2, 4 ,5, 7, 9
To Be Grounded
Marking
Top View, Laser Marking
“D003”:
Part number
” · ”:
Terminal 1
“*”:
Lot number (The code shown below varies in a 4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2015
a
b
c
d
e
f
g
h
i
j
k
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com