Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTFD005 Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTFD005
Description  SAW Duplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD005 Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTFD005 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD005 Datasheet HTML 8Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
- 4 -
Electrical Characteristics ANT- RX-:
Antenna terminating impedance: ZANT=50
Ω||7.5nH
RX terminating impedance:
ZRX
=50Ω
TX terminating impedance:
ZTX
=50Ω
Item
Min.
Typ.
Max.
Unit
Center Frequency
fC
-
942.5
-
MHz
Maximum Insertion Loss
930.0 MHz–955.0MHz
IL
-
2.0
2.8
dB
Amplitude Variation
930.0 MHz–955.0MHz
1.0
1.5
dB
Absolute Attenuation
α
0.30 … 880.0MHz
35
47
-
dB
880.0 … 885.0 MHz
38
52
-
dB
885.0 … 910.0 MHz
50
54
-
dB
980.0 … 1805.0MHz
25
43
-
dB
1805.0 … 1920.0 MHz
30
56
--
dB
1920.0 … 2500.0 MHz
35
49
--
dB
2500.0 … 2880.0 MHz
27
35
--
dB
2880.0 … 4000.0 MHz
30
40
--
dB
4000.0 … 6000.0 MHz
15
30
--
dB
Input
VSWR(ANT port)
930.0 MHz–955.0MHz
-
1.6:1
2.0:1
Output VSWR(RX port)
930.0 MHz–955.0MHz
-
1.7:1
2.0:1
Electrical Characteristics TX-RX:
Item
Minimu
m
Typical
Maximu
m
Unit
Isolation
-
-
885.0 MHz–910.0MHz
IL
51
54
dB
930.0 MHz–955.0MHz
50
53
dB
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com