Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8973 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8973
Description  DS8973 9-Digit LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8973 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8973 Datasheet HTML 1Page - National Semiconductor (TI) DS8973 Datasheet HTML 2Page - National Semiconductor (TI) DS8973 Datasheet HTML 3Page - National Semiconductor (TI) DS8973 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
10V
Input Voltage
10V
Output Voltage
10V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
1673 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate molded package 1339 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VB)
30
55
V
Supply Voltage (VCC1)
30
95
V
Temperature (TA)0
a
70
C
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
VCC e Max
39
V
IIH
Logical ‘‘1’’ Input Current
VCC e Max VIH e 39V
01
03
mA
VIL
Logical ‘‘0’’ Input Voltage
VCC e Max
05
V
IIL
Logical ‘‘0’’ Input Current
VCC e Max VIL e 05V
40
m
A
VBH
High Battery Threshold
VOT (Pin 1) e 1V IOT s b50 mA
DS8973
36
V
TA e 25 C VIH (Pin 2) e 39V
VBL
Low Battery Threshold
VOT (Pin 1) e 21V IOT s b6 mA
DS8973
32
V
TA e 25 C VIH (Pin 2) e 39V
ICEX
Logical ‘‘1’’ Output Current
VCC e Min VOH e 95V VIL e 05V
50
m
A
VOL
Logical ‘‘0’’ Output Voltage
VCC e Min IOL e 100 mA VIH e 39V
07
V
ICC1
Supply Current
VCC e Max One Input ‘‘ON’’
6
mA
IB
Pin 21 (High Battery Supply)
VCC e Max VB e Max
12
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range All typicals are given for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com