Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Si511 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 4 Page - Silicon Laboratories

  Si511 Datasheet HTML 1Page - Silicon Laboratories Si511 Datasheet HTML 2Page - Silicon Laboratories Si511 Datasheet HTML 3Page - Silicon Laboratories Si511 Datasheet HTML 4Page - Silicon Laboratories Si511 Datasheet HTML 5Page - Silicon Laboratories Si511 Datasheet HTML 6Page - Silicon Laboratories Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Si510/511
4
Rev. 1.2
1. Electrical Specifications
Table 1. Operating Specifications
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
3.3 V option
2.97
3.3
3.63
V
2.5 V option
2.25
2.5
2.75
V
1.8 V option
1.71
1.8
1.89
V
Supply Current
IDD
CMOS, 100 MHz,
single-ended
—21
26
mA
LVDS
(output enabled)
—19
23
mA
LVPECL
(output enabled)
—39
43
mA
HCSL
(output enabled)
—41
44
mA
Tristate
(output disabled)
——
18
mA
OE "1" Setting
VIH
See Note
0.80 x VDD
——
V
OE "0" Setting
VIL
See Note
—
—
0.20 x VDD
V
OE Internal Pull-Up/Pull-
Down Resistor*
RI
—45
—
k
Operating Temperature
TA
–40
—
85
oC
*Note:
Active high and active low polarity OE options available. Active high option includes an internal pull-up.
Active low option includes an internal pull-down. See ordering information on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com