Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4916MM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4916MM
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4916MM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4916MM Datasheet HTML 8Page - National Semiconductor (TI) LM4916MM Datasheet HTML 9Page - National Semiconductor (TI) LM4916MM Datasheet HTML 10Page - National Semiconductor (TI) LM4916MM Datasheet HTML 11Page - National Semiconductor (TI) LM4916MM Datasheet HTML 12Page - National Semiconductor (TI) LM4916MM Datasheet HTML 13Page - National Semiconductor (TI) LM4916MM Datasheet HTML 14Page - National Semiconductor (TI) LM4916MM Datasheet HTML 15Page - National Semiconductor (TI) LM4916MM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Information (Continued)
down pin of the LM4916 is also being driven by an open
drain output of an external microcontroller on a separate
supply. This circuit ensures that shutdown is disabled when
powering up the LM4916 by either allowing shutdown to be
high before the LM4916 powers on (the microcontroller pow-
ers up first) or allows shutdown to ramp up with V
DD (the
LM4916 powers up first). This will ensure the LM4916 pow-
ers up properly and enters the correct mode of operation.
Please note that the SE/BTL pin (Pin 8) should be tied to
GND for Single Ended mode, and to V
DD for BTL mode.
20048753
FIGURE 4. Recommended Circuit for Different Supply Turn-On Timing
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com