Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030TA-R33M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP5030TA-R33M
Description  Shielded construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030TA-R33M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP5030TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SRP5030TA Series - Shielded Power Inductors
REV. 09/16
DIMENSIONS:
MM
(INCHES)
QTY: 2000 PCS. PER REEL
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Packaging Specifications
E
E
EE
3 °
4.0
(.157)
2.0
(.079)
DIA.
1.5 ± 0.1
(.059 ± .004)
5.5 ± 0.1
(.217 ± .004)
12.0 ± 0.3
(.472 ± .012)
5.5 ± 0.1
(.217 ± .004)
8.0 ± 0.1
(.315 ± .004)
0.35 ± 0.05
(.014 ± .002)
3.3 ± 0.1
(.130 ± .004)
6.2 ± 0.1
(.244 ± .004)
12.0 ± 0.5
(.472 ± .020)
2.0 ± 0.5
(.079 ± .020)
100 ± 2
(3.937 ± .079)
330
(12.992)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com