Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030TA-R47M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP5030TA-R47M
Description  Shielded construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030TA-R47M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP5030TA-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030TA-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030TA-R47M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■
Shielded construction
■
Carbonyl powder core
■
High saturation current
■
Inductance range: 0.1 to 10 µH
■
AEC-Q200 qualified
■
RoHS compliant* and halogen free**
Applications
■
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
■
DC/DC converters
■
Power supplies
SRP5030TA Series - Shielded Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Electrical Specifications @ 25 °C
General Specifications
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 2000 pcs. per 13-inch reel
Materials
Product Dimensions
Schematic
How to Order
SRP5030TA - 100 M
Model
Value Code (see table)
Tolerance Code
Soldering Profile
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100 KHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L
(μH)
Tol.
(%)
SRP5030TA-R10Y
0.1
± 30
5
320
2.5
3
23
27
Lead
Frame
SRP5030TA-R22M
0.22
± 20
5
155
3.7
4.4
15.5
21
SRP5030TA-R33M
0.33
± 20
5
110
4.3
5
14
18
SRP5030TA-R47M
0.47
± 20
10
100
6.4
7.4
12
16
SRP5030TA-R68M
0.68
± 20
10
85
10
12
8.5
14
SRP5030TA-1R0M
1.0
± 20
10
62
13
14
7
11
SRP5030TA-1R2M
1.2
± 20
10
50
14
16
6.5
11
SRP5030TA-1R5M
1.5
± 20
10
44
16
25
6
10
SRP5030TA-2R2M
2.2
± 20
15
36
25
35
5.5
9
SRP5030TA-3R3M
3.3
± 20
15
30
32
38
5
8
SRP5030TA-4R7M
4.7
± 20
15
23
50
53
4.6
6
SRP5030TA-5R6M
5.6
± 20
15
21
55
63
4.25
4.5
SRP5030TA-6R8M
6.8
± 20
15
19
68
76.2
4
4.3
SRP5030TA-100M
10
± 20
20
18
110
128
2.75
3.5
25
Time (Seconds)
Reflow Times: 3 Times Max.
Preheating
Soldering
Natural Cooling
217 °C
tp (245 °C, 20~40 Sec.)
200 °C
150°C
60~180
Sec.
480 Sec. Max.
60~150 Sec.
TP (260 °C / 10 Sec. Max.)
6.5
(.256)
5.7 ± 0.3
(.224 ± .012)
5.3 ± 0.2
(.209 ± .008)
2.5
(.098)
1.8
(.071)
2.8 ± 0.2
(.110 ± .008)
5.2 ± 0.2
(.205 ± .008)
1.5 ± 0.3
(.059 ± .012)
1.1 ± 0.3
(.043 ± .012)
2R2
1150
Lead Frame Terminal


Similar Part No. - SRP5030TA-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030TA-R47M BOURNS-SRP5030TA-R47M Datasheet
623Kb / 4P
Shielded Power Inductors
11/19
More results

Similar Description - SRP5030TA-R47M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
Ferrite core construction, Magnetically shielded
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
Shielded construction
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
Shielded construction
02-Mar-17
logo
Hirose Electric
GT17 HIROSE-GT17 Datasheet
1Mb / 47P
All surface shielded construction.
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com