Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2364 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button LMX2364 Datasheet HTML 22Page - National Semiconductor (TI) LMX2364 Datasheet HTML 23Page - National Semiconductor (TI) LMX2364 Datasheet HTML 24Page - National Semiconductor (TI) LMX2364 Datasheet HTML 25Page - National Semiconductor (TI) LMX2364 Datasheet HTML 26Page - National Semiconductor (TI) LMX2364 Datasheet HTML 27Page - National Semiconductor (TI) LMX2364 Datasheet HTML 28Page - National Semiconductor (TI) LMX2364 Datasheet HTML 29Page - National Semiconductor (TI) LMX2364 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Programming Description (Continued)
2.4 R1 REGISTER
This register is used to configure the N divider for the IF synthesizer. A single word write to this register is all that is required to
power up and tune the synthesizer to the desired frequency.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R1
IF_
PD
0
0
0
IF_N[16:0]
0
0
1
2.4.1 IF_N[16:0] — N Divider Ratio,IF Synthesizer
The IF_N[16:0] word is used to setup up the N Divider Ratio for the IF synthesizer. The IF N counter is actually a combination of
an IF A counter, IF B counter, and an IF 8/9 prescaler. The relationship between IF_N, IF_B, and IF_A is shown below.
IF_N=8x IF_B + IF_A
Although the IF_N counter value can created by programming the IF_B and IF_A values, it is easier to simply convert the IF N
counter value into binary and program the entire IF_N[16:0] word in this manner. The fact that the IF N counter has a prescaler
is what puts restrictions on IF_N values less than 56.
IF_N[16:0]
IF_B[13:0]
IF_A[2:0]
16
15
14
13
12
11
10
9876543
2
1
0
0-23
Divide ratios of less than 24 are not allowed.
24-55
Legal divide ratios in this range are: 24-27, 32-36, 40-45, and 48-54.
56
00000
0
0
0000111
0
0
0
57
00000
0
0
0000111
0
0
1
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
...
131071
11111
1
1
1111111
1
1
1
2.4.2 IF_PD — Power Down, IF Synthesizer
Activation of the IF Synthesizer power down bit results in the disabling of the respective N divider and de-biasing of its respective
Fin inputs (to a high impedance state). The respective R divider functionality also becomes disabled when the power down bit is
activated. The OSCinIF pin reverts to a high impedance state when both RF and IF power down bits are asserted. Power down
forces the respective charge pump and phase comparator logic to a TRI-STATE condition. The MICROWIRE control register
remains active and capable of loading and latching in data during all of the power down modes.
Both synchronous and asynchronous power down modes are supported. The power down mode bit R6[8] is used to select
between synchronous and asynchronous power down. The MICROWIRE control register remains active and capable of loading
and latching in data in either power down mode.
Synchronous Power Down Mode: The IF synthesizer can be synchronously powered down by first setting the power down
mode bit HIGH (R6[8] = 1) and then asserting its power down bit (R1[23] = 1). The power down function is gated by the charge
pump. Once the power down bit is loaded, the part will go into power down mode upon the completion of a charge pump pulse
event.
Asynchronous Power Down Mode: The IF synthesizer can be asynchronously powered down by first setting the power down
mode bit LOW (R6[8] = 0) and then asserting its power down bit (R1[23]] = 1). The power down function is NOT gated by the
charge pump. Once the power down bit is loaded, the part will go into power down mode immediately
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com