Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5500-R-_-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C5500-R-_-12
Description  HB LEDs available in white, red, blue, and green
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C5500-R-_-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C5500-R-_-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers C5500-R-_-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rated Life:
Degree of Rotation:
Operating Temperature:
Voltage Input:
Controls:
Housing:
Weight:
Dimensions:
Compliance:
50,000 hours
0
0-90
0
0
0 C ~+ 40 C
24VDC, Constant Voltage
See Accessory SW-1001
Aluminum, Clear Polycarbonate Lens
53~212
W .83” (21.1mm)
H .60” (15.2mm)
L
Please see page 2 for length dimensions
**not including mounts
COASTLINE
SERIES
C5500
The Coastline Series of LED lights feature high brightness performance in a
low profile with a narrow beam. C5500 linears are available in a variety of
lengths and LED colors, and are designed for individual placement and daisy
chained configurations.
www.califialighting.com
SPECIFICATIONS
Part Number
Length
LED Color
Power
Consumption
Color Temp (K)
/Wavelength Range
Lumen
Output
Cool
White
Neutral
White
Warm
White
Red
Green
Blue
C5500-C-_-12
C5500-C-_-24
C5500-C-_-36
C5500-C-_-48
C5500-N-_-12
C5500-N-_-24
C5500-N-_-36
C5500-N-_-48
C5500-W-_-12
C5500-W-_-24
C5500-W-_-36
C5500-W-_-48
C5500-R-_-12
C5500-R-_-24
C5500-R-_-36
C5500-R-_-48
C5500-G-_-12
C5500-G-_-24
C5500-G-_-36
C5500-G-_-48
C5500-B-_-12
C5500-B-_-24
C5500-B-_-36
C5500-B-_-48
12
24”
36”
48”
12”
24”
36”
48”
12”
24”
36”
48”
12”
24”
36”
48”
12”
24”
36”
48”
12”
24”
36”
48”
”
5.0
10.0
15.0
20.0
5.0
10.0
15.0
20.0
5.0
10.0
15.0
20.0
5.0
10.0
15.0
20.0
5.0
10.0
15.0
20.0
5.0
10.0
15.0
20.0
6500K
6500K
6500K
6500K
4750K
4750K
4750K
4750K
3100K
3100K
3100K
3100K
620~630nm
620~630nm
620~630nm
620~630nm
520~535nm
520~535nm
520~535nm
520~535nm
465~485nm
465~485nm
465~485nm
465~485nm
445
870
1295
1720
400
780
1170
1560
390
760
1150
1540
195
390
585
780
320
640
960
1280
125
250
375
500
Restriction of Hazardous Substances Directive (RoHS) implements EU Directive 2002 / 95 which bans placing electrical and
hazardous equipment that contains more than agreed levels of hazardous substances on the EU market. For a list of these
substances, visit www.rohs.gov.uk.
ŸHB LEDs available in
white, red, blue, and
green
ŸAvailable lengths of
12”, 24”, 36”, and 48”
ŸIndividual placement
or daisy chain
ŸNarrow Beam
FEATURES:
ŸInstant On
ŸLead/Mercury
Free
ŸUL Rated
ŸLow Profile
ŸLong Life


Similar Part No. - C5500-R-_-12

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5500-01010000 BELDEN-C5500-01010000 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0102500 BELDEN-C5500-0102500 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0105000 BELDEN-C5500-0105000 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-0107500 BELDEN-C5500-0107500 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5500-INJ10000 BELDEN-C5500-INJ10000 Datasheet
161Kb / 2P
Teck90 600V, 2G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results

Similar Description - C5500-R-_-12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
Available in Color, White
logo
OSRAM GmbH
LEDGUARDIANSL302 OSRAM-LEDGUARDIANSL302 Datasheet
108Kb / 3P
Available color version: orange LEDs, red LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
Available in Warm White color
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
Available in outdoor white and 70-, 80- and 90-CRI white
Rev 0E
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
Red, Green and Blue 4 mm Standard Oval LEDs
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com