Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3943ISQ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3943ISQ
Description  RGB/White/Blue 16-LED Fun Light Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3943ISQ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3943ISQ Datasheet HTML 4Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 5Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 6Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 7Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 8Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 9Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 10Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 11Page - National Semiconductor (TI) LP3943ISQ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Notes (Continued)
AUTO INCREMENT
Auto increment is a special feature supported by the LP3943
to eliminate repeated chip and register addressing when
data are to be written to or read from registers in sequential
order. The auto increment bit is inside the register address
byte, as shown in Figure 6. Auto increment is enabled when
this bit is programmed to “1” and disabled when it is pro-
grammed to “0”.
Bits 5, 6 and 7 in the register address byte should always be
zero.
In the READ mode, when auto increment is enabled, I
2C
master could receive any number of bytes from LP3943
without selecting chip address and register address again.
Every time the I
2C master reads a register, the LP3943 will
increment the register address and the next data register will
be read. When I
2C master reaches the last register (09H),
the register address will roll over to 00H.
In the WRITE mode, when auto increment is enabled, the
LP3943 will increment the register address every time I
2C
master writes to register. When the last register (09H regis-
ter) is reached, the register address will roll over to 02H, not
00H, because the first two registers in LP3943 are read-only
registers. It is possible to write to the first two registers
independently, and the LP3943 will acknowledge, but the
data will be ignored.
If auto increment is disabled, and the I
2C master does not
change register address, it will continue to write data into the
same register.
20079611
FIGURE 6. Register Address Byte
20079612
FIGURE 7. Programming with Auto Increment Disabled (in WRITE Mode)
20079613
FIGURE 8. Programming with Auto Increment Enabled (in WRITE Mode)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com