Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3983 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3983
Description  Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3983 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3983 Datasheet HTML 1Page - National Semiconductor (TI) LP3983 Datasheet HTML 2Page - National Semiconductor (TI) LP3983 Datasheet HTML 3Page - National Semiconductor (TI) LP3983 Datasheet HTML 4Page - National Semiconductor (TI) LP3983 Datasheet HTML 5Page - National Semiconductor (TI) LP3983 Datasheet HTML 6Page - National Semiconductor (TI) LP3983 Datasheet HTML 7Page - National Semiconductor (TI) LP3983 Datasheet HTML 8Page - National Semiconductor (TI) LP3983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electrical Characteristics (Continued)
Note 7: This electrical specification is guaranteed by design.
Note 8: Time from VEN = 1.2V to VOUT = 95% of VOUT(NOM)
Note 9: The minimum VIN is dependant on the device output option.
For VOUT(NOM) ≤ 2.7V, VIN(MIN) will equal 2.5V. For VOUT(NOM) > 2.7V, VIN(MIN) will equal VOUT(NOM) + 200mV.
Note 10: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C or correlated using
Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
Note 11: The target output voltage which is labelled VOUT(NOM) is the desired voltage option.
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Value
Limit
Units
Min
Max
C
o
Output Capacitor
Capacitance(Note 12)
1.0
0.75
µF
ESR
5
500
m
Ω
Note 12: The capacitor tolerance should be ±25% or better over the temperature range. Capacitor types recommended are X7R, Y5V, and Z5U.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com