Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPC410TLD Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC410TLD
Description  5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410TLD Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC410TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC410TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
C
D
osmo Electron
ocument No. 69
cos
Outside
Device
nics Corp.
9P04009.3
smo
e Dimensi
Marking
on
- 2 -
Notes
cosm
410
YW
s:
mo
0
WW
Y: Ye
KP
5PIN HI
TOL
ear code / W
http://w
C410
GH-SPEE
PHOTO
LERANCE: ±
WW: Week co
www.cosmo-ic.co
Serie
D OUTPU
OCOUPLE
Unit : mm
±0.2mm
ode
om
s
UT
ER
m



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com