Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSSL150AG-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSSL150AG-AB3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSSL150AG-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSSL150AG-AB3-R Datasheet HTML 1Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 2Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 3Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 4Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 5Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 6Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 7Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 8Page - Unisonic Technologies UPSSL150AG-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSSL150
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R125-044.b
NON ISOLATED BUCK
CONSTANT CURRENT LED
DRIVER IC
DESCRIPTION
UPSSL150
is a high precision LED BUCK constant current
driver chip. The chip operates in the inductor current critical
continuous mode, which is suitable for the non isolated buck LED
constant current power supply with 85Vac~265Vac full range input
voltage.
UPSSL150
chip integrated 500V power switch by patent
demagnetization detection technology and high voltage power
supply technology, without detection and power supply for auxiliary
winding, the peripheral devices are more simple, saving the cost
and volume of the system.
UPSSL150
chip with high precision current sampling circuit,
while the use of patented constant current control technology to
achieve high accuracy of the LED constant current output and
excellent line voltage regulator. The chip operates in the critical
mode of inductor current and the output current is not changed with
the increase of the inductance and the working voltage of LED.
UPSSL150
has a variety of protection features, including LED
short circuit protection, under voltage protection, over temperature
adjustment function and so on.
FEATURES
1
2
3
TO-92
1
SOT-23-3
(JEDEC TO-236)
1
2
3
SOT-89
1
SOT-23
(JEDEC SC-59)
HSOP-8
* The integrated 500V power mos.
* The integrated high voltage power supply function.
* The inductor current critical continuous mode.
* Without auxiliary winding detection and power supply.
* The wide voltage input voltage.
* ±5% LED output current accuracy.
* The LED short circuit and open circuit protection.
* The chip power supply under voltage protection.
* The regulating function of overheating


Similar Part No. - UPSSL150AG-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSS1650 UTC-UPSS1650 Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSS1650G-D08-T UTC-UPSS1650G-D08-T Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSS1650G-S08-R UTC-UPSS1650G-S08-R Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSS1650L-D08-T UTC-UPSS1650L-D08-T Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSS1650L-S08-R UTC-UPSS1650L-S08-R Datasheet
206Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - UPSSL150AG-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com