Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRC2-4R7M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSRC2-4R7M
Description  Low Cost Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LSRC2-4R7M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSRC2-4R7M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L.S.E.
Low Cost Power Inductors: LSRC2-4R7M
Approved
Checked
Prepare
Date
Page
Rev.
許神長
26-SEP-200
蔡金忠
25-SEP-200
胡文秀
25-SEP-2003
25-SEP-2003
1/1
0
NO. 7, LANE 3, SAN Ho RD. SAN-SHIN VILLAGE TA-YUAN HSIANG, TAOYUAN HSIEN, TAIWAN, R.O.C.
◆
Tel:886-3-3831513
◆
Fax:886-3-3835738 ◆ http://www.lse.com.tw
USA: www.cdiweb.com/lse Tel: (800)777-7334
Mechanical
Feature
2.92 Typ.
7.37 Typ.
3.0 Ref.
1
2
12.9 MAX.
1
2
2.5 MAX.
(see note 1)
5.4 MAX.
◆
Inductance range from 0.470μH to
1000μH
◆
Current range up to 18.6 Amps peak
◆
Meet UL94V-0 flammability standard
Schematic
1
2
Electrical Characteristics:
A. Operating Temperature:- 40℃ ~ + 85℃
B. Storage Temperature:- 40℃ ~ + 125℃
C. Infrared reflow temperature:+ 125℃ for 30 seconds max.
D. D.C. Resistance: (20℃)
R(1-2):14.5 mΩ max.
E. Open Circuit Inductance:
L(1-2):4.41 μH ± 20%
@ 100.0 KHz, 0.25V, 0.0 A, Ls
F. RMS current :For an approximate △T of 40℃ at an ambient temperature of 85℃
5.625 Amperes
G. Peak current :For approximate 30% rolloff @ 20℃
6.20 Amperes
Note :
1.
2.5mm max is width of copper at
seating plane. The width above the
seating plane may exceed 2.5mm.
2.
Unit:mm
3.
Scale:F
4.
【
YYWW】:Date Code
LSRC2-4R7
LSE YYWW


Similar Part No. - LSRC2-4R7M

ManufacturerPart #DatasheetDescription
logo
Surge Components
LSR SURGE-LSR Datasheet
2Mb / 3P
snap-in terminal type
logo
Littelfuse
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
FOTEK CONTROLS CO., LTD...
LSR-100AA FOTEK-LSR-100AA Datasheet
1Mb / 3P
Enhanced heat sink solid state module
LSR-100DA FOTEK-LSR-100DA Datasheet
1Mb / 3P
Enhanced heat sink solid state module
logo
Littelfuse
LSR-115 LITTELFUSE-LSR-115 Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results

Similar Description - LSRC2-4R7M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
High Power Low Cost Inductors
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
Low Cost Medium Power Surface Mount Inductors
logo
TALEMA Group. LLC
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
Low Cost Power Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
Low Cost Medium Power Surface Mount Inductors
HM53 BITECH-HM53_15 Datasheet
1Mb / 4P
High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
High Power Low Cost Inductors
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
Low Cost Medium Power Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com