Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6517G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UR6517G-SH2-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6517G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UR6517G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR6517G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UR6517
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R131-001.a
1.8A DDR BUS TERMINATION
REGULATOR
DESCRIPTION
The UR6517 is a linear regulator providing up to 1.8A transient
current sourcing and sinking capability for DDR
bus terminator
applications while regulating an output voltage to within 20mV. It
contains a high speed operational amplifier which provides fast load
transient response and only requires 10uF of ceramic output
capacitance.
The UR6517 output termination voltage tracks the reference
voltage applied at VREF pin. A resistor divider connected to VIN, GND
and VREF pins is used to force the reference voltage to VREF pin.
Additional features include current limiting protection and thermal
shutdown protection.
FEATURES
*DDR1/ DDR2/DDR3/DDR4 termination voltage applications
*Sink and Source Current
DDR2 1.8A Sink/Source @ VIN=1.8V
DDR3 1.5A Sink/Source @ VIN=1.5V
LPDDR3 1.2A Sink/Source @ VIN=1.35V
DDR4 1.2A Sink/Source @ VIN=1.2V
*Low output voltage offset within 20mV
*Adjustable output voltage by external resistors
*Integrated power MOS devices
*Suspend to RAM(STR) functionality
*Current Limiting Protection
*Thermal Shutdown Protection
*Cost-effective and easy to use
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
UR6517G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
UR6517G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - UR6517G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6517G-SH2-R UTC-UR6517G-SH2-R Datasheet
312Kb / 7P
1.8A DDR BUS TERMINATION REGULATOR
More results

Similar Description - UR6517G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com