Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3309G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US5C3309G-SM1-R
Description  CMOS IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3309G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US5C3309G-SM1-R Datasheet HTML 1Page - Unisonic Technologies US5C3309G-SM1-R Datasheet HTML 2Page - Unisonic Technologies US5C3309G-SM1-R Datasheet HTML 3Page - Unisonic Technologies US5C3309G-SM1-R Datasheet HTML 4Page - Unisonic Technologies US5C3309G-SM1-R Datasheet HTML 5Page - Unisonic Technologies US5C3309G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US5C3309
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R121-027.a
TEST CIRCUIT
SWITCH POSITIONS
TEST
S1
RL
VI
CL
V∆
TPD(S)
Open
500Ω
VCC or GND
50pF
TPLZ/TPZL
7V
500Ω
GND
50pF
0.3V
TPHZ/TPZH
GND
500Ω
VCC
50pF
0.3V
ENABLE AND DISABLE TIMING
Control
Input
(VIN)
TPZL
Output
Waveform 1
S1 at 7V
(see Note B)
TPZH
1.5V
TPLZ
3.5V
VOL
TPHZ
VOH
0V
VOL+VΔ
VOH-VΔ
1.5V
1.5V
1.5V
3V
0V
Output
Waveform 2
S1 at Open
(see Note B)
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
1.5V
1.5V
TPLH
TPHL
1.5V
1.5V
Input
(VI)
Output
3V
0V
VOH
VOL
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (TPD(S))
Notes: 1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by
the output control. Waveform 2 is for an output with internal conditions such that the output is high, except
when disabled by the output control.
3. All input pulses are supplied by generators having the following characteristics: PRR≤10MHz, ZO=50Ω,
TR≤2.5ns, TF≤2.5ns.
4. The outputs are measured one at a time, with one transition per measurement.
5. TPLZ and TPHZ are the same as TDIS.
6. TPZL and TPZH are the same as TEN.
7. TPLH and TPHL are the same as TPD (S).
8. All parameters and waveforms are not applicable to all devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com