Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US206HG-10AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US206HG-10AF5-R
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US206HG-10AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US206HG-10AF5-R Datasheet HTML 1Page - Unisonic Technologies US206HG-10AF5-R Datasheet HTML 2Page - Unisonic Technologies US206HG-10AF5-R Datasheet HTML 3Page - Unisonic Technologies US206HG-10AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US206
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R129-021.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Output Voltage
VOUT
6
V
Output Current
IOUT
Internally Limited
Power Dissipation (TA = 25°C)
PD
0.4
W
Enable Input
VEN
-0.3 ~ 6
V
Storage Temperature
TS
-65 ~ +150
°C
Reflow Temperature (soldering, 10sec)
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3 ~ +5.5
V
Operating Temperature
TA
-40 ~ +85
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
ELECTRICAL CHARACTERISTICS
(VIN=5V, CIN=1µF, COUT=1µF, RL=10Ω TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Rage
VIN
5.5
V
IOUT=2A
US206-25
IOUT=1.5A
US206-20
IOUT=1A
US206-15
Output MOS RDS(ON)
RDS(ON)
IOUT=0.5A
US206-10
85
95
mΩ
Supply Current
ION
65
µA
Output Turn-on Rising Time
TON
RL=10Ω, 90% Settling
400
µs
US206-25
2.0
2.5
3.5
US206-20
1.5
2.0
2.8
US206-15
1.1
1.5
2.1
Current Limit Threshold
IOC
VOUT=4V
US206-10
0.7
1.0
1.4
A
US206-25
0.2
1.6
2.3
US206-20
0.2
1.3
1.9
US206-15
0.2
1.0
1.4
Short-circuit Current
ISC
VOUT=0V
US206-10
0.2
0.67
1.0
A
EN Input Threshold
VEN
1.4
1.6
1.8
V
Shutdown Supply Current
IOFF
0.1
1
µA
Output Leakage Current
ILEAK
EN=”0”, VOUT=0V
0.5
1
µA
VIN Under Voltage Lockout
VUVLO
2.0
2.5
3.0
V
VIN Under Voltage Hysteresis
VUVLO
200
mV
Thermal Limit
TOT
135
°C
Thermal Limit Hysteresis
TOT
20
°C
OC Deglitch
TOC
UTC US206, OC assertion or deassertion
4
9
15
ms
OC Output Low Voltage
VOC
UTC US206, I OC = 5mA
0.4
V
OC Off-State Current
IOC-OFF
UTC US206, V OC = 5V
1
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com