Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4867LQ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867LQ
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867LQ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4867LQ Datasheet HTML 1Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 2Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 3Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 4Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 5Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 6Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 7Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 8Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM4867
Output-Transient-Free Dual 2.1W Audio Amplifier Plus
No Coupling Capacitor Stereo Headphone Function
General Description
The LM4867 is a dual bridge-connected audio power ampli-
fier which, when connected to a 5V supply, will deliver 2.1W
toa4
Ω load (Note 1) or 2.4W to a 3Ω load (Note 2) with less
than 1.0% THD+N. The LM4867 uses advanced, latest gen-
eration circuitry to eliminate all traces of clicks and pops
when the supply voltage is first applied. The amplifier has a
headphone-amplifier-select input pin. It is used to switch the
amplifiers from bridge to single-ended mode for driving
headphones. A new circuit topology eliminates headphone
output coupling capacitors. A MUX control pin allows selec-
tion between the two sets of stereo input signals. The MUX
control can also be used to select between two different
customer-specified closed-loop responses.
Boomer audio power amplifiers are designed specifically to
provide high quality output power from a surface mount
package and require few external components. To simplify
audio system design, the LM4867 combines dual bridge
speaker amplifiers and stereo headphone amplifiers in one
package.
The LM4867 features an externally controlled power-saving
micropower shutdown mode, a stereo headphone amplifier
mode, and thermal shutdown protection.
Note 1: An LM4867LQ or LM4867MTE that has been properly mounted to
a circuit board will deliver 2.1W into 4
Ω. The Mux control can also be used to
select two different closed-loop responses. LM4867MT will deliver 1.1W into
8
Ω. See the Application Information sections for further information concern-
ing the LM4867LQ and the LM4867MT.
Note 2: An LM4867LQ or LM4867MTE that has been properly mounted to a
circuit board and forced-air cooled will deliver 2.4W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
LM4867LQ, 3
Ω load
2.4W (typ)
n
LM4867LQ, 4
Ω load
2.1W (typ)
n
LM4867MTE, 4
Ω
1.9W (typ)
n
LM4867MT, 8
Ω
1.1W (typ)
n
Single-ended mode - THD+N at 75mW into 32
Ω
0.5%
(max)
n
Shutdown current
0.7µA (typ)
Features
n
Advanced “click and pop” suppression circuitry
n
Eliminates headphone amplifier output coupling
capacitors
n
Stereo headphone amplifier mode
n
Input mux control and two separate inputs per channel
n
Thermal shutdown protection circuitry
n
LLP, TSSOP, and exposed-DAP TSSOP packaging
available
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable audio systems
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
DS200013-31
* Refer to the Application Information section titled PROPER SELECTION OF EXTERNAL COMPONENTS for details concerning the value of CB.
FIGURE 1. Typical Audio Amplifier Application Circuit
(Pin out shown for the 24-pin Exposed-DAP LLP package. Numbers in ( ) are for the 20-pin MTE and MT
packages.)
February 2001
© 2001 National Semiconductor Corporation
DS200013
www.national.com


Similar Part No. - LM4867LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
844Kb / 28P
Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
More results

Similar Description - LM4867LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
logo
National Semiconductor ...
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com