Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS3135-65 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLS3135-65
Description  Microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-65 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLS3135-65 Datasheet HTML 3Page - NXP Semiconductors BLS3135-65 Datasheet HTML 4Page - NXP Semiconductors BLS3135-65 Datasheet HTML 5Page - NXP Semiconductors BLS3135-65 Datasheet HTML 6Page - NXP Semiconductors BLS3135-65 Datasheet HTML 7Page - NXP Semiconductors BLS3135-65 Datasheet HTML 8Page - NXP Semiconductors BLS3135-65 Datasheet HTML 9Page - NXP Semiconductors BLS3135-65 Datasheet HTML 10Page - NXP Semiconductors BLS3135-65 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Aug 16
7
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-65
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT422A
99-03-29
0
5
10 mm
scale
Flanged hermetic ceramic package; 2 mounting holes; 2 leads
SOT422A
UNIT
Q
cD
E1
E
FH
p
q
mm
0.13
0.08
b
5.21
4.95
10.29
10.03
9.93
9.68
8.76
8.51
D1
10.29
10.03
1.58
1.47
19.18
17.65
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
3.43
3.18
16.51
22.99
22.73
U2
U1
9.91
9.65
0.25
w2
w1
0.76
A
5.72
4.83
3.35
2.92
inches
0.005
0.003
0.205
0.195
0.405
0.395
0.391
0.381
0.345
0.335
0.405
0.395
0.062
0.058
0.755
0.695
L
4.52
3.74
0.178
0.147
0.135
0.125
0.65
0.905
0.895
0.390
0.380
0.01
0.03
0.225
0.190
0.132
0.115
D
D1
q
U1
A
U2
E1
E
p
b
1
3
2
Q
F
c
M
M
C
C
A
w2
B
w1
AB
M
M
M
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com